PART |
Description |
Maker |
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
BAS116 |
Plastic SMD package Low leakage current: typ. 3 pA Switching time: typ. 0.8 us
|
TY Semiconductor Co., Ltd
|
STD11N65M2 STP11N65M2 STU11N65M2 |
N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in DPAK package N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package
|
ST Microelectronics
|
CAT28C64BHP-20 CAT28C64BHN-15 CAT28C64BHT-20 CAT28 |
PROFET - Smart High Side Switches XWAY ADM6993 RF Switches; Package: PG-TSLP-7; P-0.1dB(min): 21.0 dBm; Switching Time(max): 4.0 µs; Isolation @1GHz: 32.0 dB; Insertion Loss @1GHz: 0.4 dB; Pmax: 21.0 dBm HITFET, TEMPFET - Smart Low-Side Switches IGBT Modules up to 1200V SixPACK; Package: AG-EASY2B-1; IC (max): 50.0 A; VCE(sat) (typ): 1.85 V; Configuration: SixPACK; Technology: IGBT4; Housing: EasyPACK 2B; IGBT Modules up to 6500V Single; Package: A-IHV130-3; IC (max): 400.0 A; VCE(sat) (typ): 4.3 V; Configuration: Single; Technology: IGBT2 Standard; Housing: IHV 130 mm; Single: N-Channel 600V MOSFETs; Package: PG-TO262-3; Technology: CoolMOS; VDS (max): 600.0 V; RDS (on) (max) (@10V): 105.0 mOhm; ID (max): 31.0 A; RthJC (max): 0.5 K/W; XWAY ADM5120P Medium Power IF max = 500mA; Package: PG-SOT363-6; Configuration: Single; VR (max): 30.0 V; IF (max): 2,000.0 mA; CT (max): 60.0 pF; VF (max): 600.0 mV; X-GOLD213 - PMB8810 UMTS LNA; Package: PG-TSLP-16; Frequency Hz: 800 MHz 1900 MHz 2100 MHz; Gain (typ): 15.2 dB 16.5 dB 16.5 dB; F (typ): 1.2 dB 1.0 dB 1.1 dB; P-1dB (in): -12 -10 -11; I (typ): 3.5 mA 3.4 mA 3.5 mA; SPOC - SPI Power Controller for Advanced Light Control; Package: PG-DSO-36; Channels: 5.0; LED mode: No; Cranking mode: No; Watchdog: No; Over Voltage Protection: 41.0 V IGBT Modules up to 1200V SixPACK; Package: AG-ECONO2-1; IC (max): 75.0 A; VCE(sat) (typ): 1.85 V; Configuration: SixPACK; Technology: IGBT4; Housing: EconoPACK 2; 128Kx8 EEPROM 128Kx8 EEPROM ADM3120BX x8的EEPROM IGBT Modules up to 6500V Single; Package: A-IHV130-3; I<sub>C </sub>(max): 400.0 A; V<sub>CE(sat)</sub> (typ): 4.3 V; Configuration: Single; Technology: IGBT2 Standard; Housing: IHV 130 mm;
|
Honeywell International, Inc. NXP Semiconductors N.V. Infineon Technologies AG Amphenol, Corp. Vectron International, Inc. Advanced Analogic Technologies, Inc.
|
STF7N80K5 STFI7N80K5 |
N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-220FP package N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STW12N120K5 STH12N120K5-2 |
N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 package N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in H2PAK-2 package
|
ST Microelectronics
|
STH260N6F6-2 |
N-channel 60 V, 1.7 mOhm typ., 180 A STripFET(TM) VI DeepGATE(TM) Power MOSFET in H2PAK-2 package N-channel 60 V, 1.7 mΩ typ., 180 A STripFET VI DeepGATE Power MOSFET in H2PAK-2 package
|
ST Microelectronics STMicroelectronics
|